PART |
Description |
Maker |
ATSAM3U10 ATSAM3U4EA-AU ATSAM3U4EA-CU ATSAM3U2EA-C |
AT91ARM Cortex M3-based Microcontrollers
|
ATMEL Corporation
|
ATSAM3U4CA-AU ATSAM3U4CA-CU ATSAM3U4EA-AU ATSAM3U4 |
AT91ARM M3 Cortex-based Processor
|
ATMEL Corporation
|
LPC1100 LPC1114FHN33_201 LPC1114FHN33_301 LPC1111 |
Cortex-M0 based microcontrollers with industry-leading power and efficiency
|
NXP Semiconductors
|
S6E2DH5G0AGE20000 S6E2DH5G0AGZ20000 S6E2DH5GJAMV20 |
S6E2DH Series 32-bit ARM? Cortex?-M4F based Microcontroller S6E2DH Series 32-bit ARM? Cortex?-M4F based Microcontroller
|
Cypress Semiconductor
|
STM32L151C6 STM32L151CBT6 STM32L151C8T6 STM32L151R |
Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
|
STMicroelectronics
|
S6E2D55G0AGZ20000 S6E2D55GJAMV20000 |
S6E2D5 Series 32-bit ARM? Cortex?-M4F based Microcontroller
|
Cypress Semiconductor
|
STM32F103R4 STM32F103R6 STM32F103C4 STM32F103C6 ST |
Mainstream Performance line, ARM Cortex-M3 MCU with 32 Kbytes Clash, 72 MHz CPU, motor control, USB and CAN Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB Low-density performance line, ARM-based 32-bit MCU Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB
|
ST Microelectronics STMicroelectronics
|
ML620Q504H |
Ultra Low Power 16-bit Microcontrolle
|
LAPIS Semiconductor Co....
|
STM32F407IE STM32F407ZE STM32F407IGH6 STM32F405ZG |
ARM Cortex-M4 32b MCU FPU, 210DMIPS, up to 1MB Flash/192 4KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 168 MHz CPU, Art Accelerator
|
STMicroelectronics ST Microelectronics
|
LPC1751FBD80 LPC1759-11 |
Cortex-M3 with 32 kB flash, 8 kB SRAM, USB 2.0 Device, CAN, 12-bit ADC 32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
|
NXP Semiconductors N.V.
|
LPC4357FET256 LPC4357JET256 LPC4357JBD208 |
Dual-core Cortex-M4/M0, 1 MB Flash, 136 kB SRAM, 2 HS USB with on-chip PHY, Ethernet, LCD, CAN, AES, SPIFI, SGPIO, SCT 32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
|
NXP Semiconductors
|